PART |
Description |
Maker |
AQ431LBZ-N3-12-TRL AQ431LBYM3-12-TRL AQ431LBY-N3-1 |
1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
|
http:// Acutechnology Semiconductor
|
Q62702-A1145 BAR81 |
From old datasheet system Preliminary data Silicon RF Switching Diode (Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss)
|
SIEMENS[Siemens Semiconductor Group]
|
BAR81W Q62702-A1270 |
Silicon RF Switching Diode Preliminary data (Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss) SILICON, PIN DIODE From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
IS-1009RH |
2.5V Shunt Regulator Diode, Rad-Hard Radiation Hardened
IS-1009RH is a 2.5V shunt regulator(抗辐.5V稳压二极
|
Intersil Corporation
|
AS432 AS432A2DBVB AS432A1DA AS432A1DB AS432A1DBV7 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 1.24V Precision Adjustable Shunt Reference/Amplifier
|
ASTEC Semiconductor
|
HA17431PA HA17431UA HA17431FPA HA17431UPA HA17431P |
Shunt Regurators Shunt regulator, cathode current 150 mA, cathode voltage 40 V, reference voltage 2.495 V, accuracy /-4%
|
Hitachi Semiconductor
|
KA431A11 KA431AZTA KA431AZMTA |
Programmable Shunt Regulator Adjustable/2.5V, 1% Tolerance Shunt Regulator; Package: TO-92R; No of Pins: 3; Container: Ammo 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Adjustable/2.5V, 1% Tolerance Shunt Regulator 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Programmable Shunt Regulator
|
Fairchild Semiconductor, Corp.
|
IDT74CBTLV16292 IDT74CBTLV16292PA IDT74CBTLV16292P |
Adjustable Precision Shunt Regulator 3-TO-92 0 to 70 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
|
Integrated Device Technology, Inc. IDT
|
AP432AL-7 AP432L-13 AP432L-7 AP432L-A AP432L-B AP4 |
ADJUSTABLE PRECISION SHUNT REGULATOR ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, BCY3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器
|
Diodes, Inc. 稳压 Diodes Inc. DIODES[Diodes Incorporated] http://
|
LM336BZ25 LM336Z2.5 LM336 LM336-2.5 LM336BZ2.5 LM3 |
Programmable shunt regulator, 2.5V 2.5V, 2.5% Tolerance Shunt Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|